Part Number Hot Search : 
73K324BL A2010 8HC11 8HC11 2SA1739 00200800 IXDI404P 2N3870
Product Description
Full Text Search
 

To Download PTH03010YADT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Embedded Power for Business-Critical Continuity
PTHxx010Y 3.3/5/12 Vin
Single Output
Total Power: # of Outputs: 27W Single
Rev.2.16.09_147 PTHxx010Y 1 of 5
Special Features
* VTTbusterminationoutput (outputthesystemVREF) * 15Aoutputcurrent * 3.3,5or12Vdcinput voltage * DDRandQDRcompatible * ON/OFFinhibit(forVTT standby) * Under-voltagelockout * Operatingtemperature range: -40 Cto+85C * Efficienciesupto91% * Outputovercurrent protection(non-latching, auto-reset) * Point-of-Load-Alliance(POLA) compatible * AvailableRoHScompliant * 2YearWarranty
Specifications
Input
Input voltage range: PTH03010Y PTH05010Y PTH12010Y Noload 2.95-3.65Vdc 4.5-5.5Vdc 10.8-13.2Vdc 10mA Positive logic Vinincreasing Vindecreasing Vinincreasing Vindecreasing Vinincreasing Vindecreasing PTH03010Y&PTH05010Y PTH12010Y 2.45Vtyp.,2.80Vmax. 2.20Vmin.,2.40Vtyp. 4.30Vtyp.,4.45Vmax. 3.40Vmin.,3.70Vtyp. 9.5Vtyp.,10.4Vmax. 8.80Vmin.,9.0Vtyp. 470F 560F
Input current: RemoteON/OFF: Undervoltagelockout: PTH03010Y PTH05010Y PTH12010Y Input capacitance: (SeeNote3)
Allspecificationsaretypicalatnominalinput,Vref=1.25V,fullloadat25Cunlessotherwisestated. Cin,Co1 and Co2 = typical value
Safety
* UL/cULCAN/CSA-C22.2 No.60950,FileNo.E174104 * TUVProductService (EN60950)CertificateNo. B040638572044 * CBReportandCertificateto IEC60950,CertificateNo. US/8292/UL
Embedded Power for Business-Critical Continuity
Rev.2.16.09_147 PTHxx010Y 2 of 5
Output
Output current: (overVREFrange) V (SeeNote1) TrackingrangeforVREF: Trackingtolderanceto VREF(VTT-VREF) (overline,load&temperature) Rippleandnoise: Loadtransientresponse: (SeeNote4) Output capacitance: Non-ceramicvalues (SeeNotes4&5) Ceramic values (SeeNote4) (SeeNote6) PTH03010Y PTH05010Y PTH12010Y PTH03010Y PTH05010Y PTH12010Y ESR(non-ceramic) 470F typ., 8,200 F max. Ftyp.,8,200Fmax. 470F typ., 8,200 F max. Ftyp.,8,200Fmax. 940F typ., 6,600 F max. Ftyp.,6,600Fmax. 200F typ., 300 F max. Ftyp.,300Fmax. 200F typ., 300 F max. Ftyp.,300Fmax. 400F typ., 600 F max. Ftyp.,600Fmax. 4mmin. 20MHzbandwidth PTH03010YandPTH05010Y PTH12010Y 15A 12A 0.55-1.8Vdc -10mVto+10mV 20mVpk-pk 30s settling time s Overshoot/undershoot30mVtyp.
GeneralSpecifications
Efficiency: lo=10A Insulation voltage: Switching frequency: PTH03010Y PTH05010Y PTH12010Y PTH03010Y PTH05010Y PTH12010Y 88%typ. 88%typ. 85%typ. Non-isolated 300-400kHz 300-400kHz 200-300kHz EN60950 UL/cUL60950 UL94V-0 (LxWxH) 34.80x15.75x9.00mm 1.370x0.620x0.354in 3.7g(0.13oz) TelcordiaSR-332 Operatingambient, temperature Non-operating JEDECJ-STD-020C PTH03010YandPTH05010Y PTH12010Y 6,000,000hours -40 Cto+85C -40 Cto+125C Level3 27.5Atyp. 20.0Atyp.
Approvalsandstandards(pending): Materialflammability: Dimensions: Weight: MTBF
EnvironmentalSpecifications
ThermalPerformance: (SeeNote2) MSL(`Z'suffixonly):
Protection
Overcurrentthreshold(autoreset):
Embedded Power for Business-Critical Continuity
Rev.2.16.09_147 PTHxx010Y of 5
Ordering Information
Output Power (max) 27W 27W 21.6W Input Voltage 2.95-3.65Vdc 4.5-5.5Vdc 10.8-13.2Vdc VTT Range 0.55-1.8Vdc 0.55-1.8Vdc 0.55-1.8Vdc Output Currents Min 0A 0A 0A Max 15A 15A 12A Efficiency (max) 88% 88% 85% Model Numbers (8,9) odelNumbers PTH03010Y PTH05010Y PTH12010Y
PartNumberSystemwithOptions PTH05010YAST
Product Family PointofLoadAlliance Compatible Input Voltage 03=3.3V,05=5V and12=12V Output Current 01=15A Mechanical Package Always0 Packaging Options NoSuffix=Trays T=TapeandReel (7) Mounting Option (8) D=HorizontalThrough-Hole(MatteSn) H=HorizontalThrough-Hole(Sn/Pb) S= Surface-Mount(63/37Sn/Pb pinsoldermaterial) Z= Surface-Mount(96.5/3.0/0.5Sn/Ag/Cu pinsoldermaterial) Pin Option A=Through-HoleStd.PinLength(0.140") A=Surface-MountTin/LeadSolderBall Output Voltage Code Y=DDRModule
Notes 1 Ratingisconditionalonthemodulebeingsolderedtoa4layerPCB with1oz.copper.SeetheSOAcurvesorcontactthefactoryfor appropriatederating. 2 Thiscontrolpinhasaninternalpull-uptotheinputvoltageVin.If it is left open-circuit the module will operate when input power is applied.Asmalllow-leakage(<100nA)MOSFETisrecommendedfor control.Forfurtherinformation,consultApplicationNote177. 3 Aninputcapacitorisrequiredforproperoperation.Thecapacitor mustberatedforaminimumof800mArmsofripplecurrent. 4 Thetypicalvalueofexternaloutputcapacitancevalueensuresthat VTTmeetsthespecifiedtransientperformancerequirementsfor thememorybusterminations.Lowervaluesofcapacitancemay bepossiblewhenthemeasuredpeakchangeinoutputcurrentis consistentlylessthan3A.Testconditionswere15A/sloadstep, -1.5Ato+1.5A. 5 Thisisthecalculatedmaximum.TheminimumESRlimitationwill oftenresultinalowervalue.ConsultApplicationNote177for furtherdetails. 6 ThisisthetypicalESRforalltheelectrolytic(non-ceramic)output capacitance.Use7mastheminimumwhenusingmax-ESR valuestocalculate. 7 Tapeandreelpackagingonlyavailableonthesurface-mount versions. 8 ToorderPb-free(RoHScompatible)surface-mountpartsreplace themountingoption`S'with`Z',e.g.PTHXX010YAZ.ToorderPbfree(RoHScompatible)through-holepartsreplacethemounting option`H'with`D',e.g.PTHXX010YAD. 9 NOTICE:Somemodelsdonotsupportalloptions.Pleasecontact yourlocalEmersonNetworkPowerrepresentativeorusetheon-line modelnumbersearchtoolathttp://www.PowerConversion.comto findasuitablealternative.
Embedded Power for Business-Critical Continuity
PTHxx010YCharacteristicData
Rev.2.16.09_147 PTHxx010Y 4 of 5
16
14
OUTPUT CURRENT (A)
14 12 10 8 6 4 2 0 0 10 20 30 40 50 60 70 80 Nat conv 100 LFM 200 LFM
OUTPUT CURRENT (A)
12 10 8 6 4 2 0 0 10 20 30 40 50 60 70 80 Nat conv 100 LFM 200 LFM
AMBIENT TEMPERATURE (C)
Figure 1 - Safe Operating Area Vin = 3.3 V, VREF = 1.25 V, Iout = 15 A (See Note A)
AMBIENT TEMPERATURE (C)
Figure 2 - Safe Operating Area Vin = 12 V, VREF = 1.25 V, Iout = 12 A (See Note A)
Vin
100 90
Vin
VDDQ 1k 1% 10 9 8
VREF
1
7
VTT
EFFICIENCY (%)
80 70 60 50 0 3 6 9 12 15
3.3V 5.0V 12.0V
1k 1%
PTHxx010Y (Top View) 2 3 4 5
6
Con hf-Ceramic
Cin (Required)
VTT Termination Island
+ Co1 + Co2 Low-ESR (Required) Ceramic (Optional)
Standby GND
Q1 BSS138 (Optional)
SSTL-2 Data/ Address/ Bus
OUTPUT CURRENT (A)
Figure 3 - Efficiency vs Load Current VREF = 1.25 V (See Note B) Figure 4 - Standard Application
Notes
A SOAcurvesrepresenttheconditionsatwhichinternalcomponentsarewithin theEmersonNetworkPowerderatingguidelines. B Characteristicdatahasbeendevelopedfromactualproductstestedat25C. Thisdataisconsideredtypicaldatafortheconverter.
Embedded Power for Business-Critical Continuity
MechanicalDrawings
1.370 (34.80) 0.125 (3.18) 0.125 (3.18) 0.375 (9.52) 1 10 9 8 0.060 (1.52) 7 0.620 0.500 (15.75) (12.70)
0.070 (1.78) (Standoff Shoulder) Lowest Component 0.010 min. (0.25) Bottom side Clearance
Americas
0.140 (3.55)
Rev.2.16.09_147 PTHxx010Y 5 of 5
0.060 (1.52)
0.625 (15.88)
o0.040 (1.02) 5 Places
5810VanAllenWay Carlsbad,CA92008 USA Telephone:+17609304600 Facsimile: +17609300698
Europe (UK)
2
3
4
5 TOP VIEW
6
WaterfrontBusinessPark MerryHill,Dudley WestMidlands,DY51LX UnitedKingdom Telephone:+44(0)1384842211 Facsimile: +44(0)1384843355
Asia (HK)
Host Board 0.354 (9.00) MAX. SIDE VIEW
Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 ( 0.76) 3 Places 0.010 ( 0.25)
14/F,LuPlaza 2WingYipStreet KwunTong,Kowloon HongKong Telephone:+85221763333 Facsimile: +85221763888
Figure 5 - Plated Through-Hole
Forglobalcontact,visit:
www.PowerConversion.com techsupport.embeddedpower @emerson.com
1.370 (34.80) 0.125 (3.18) 0.125 (3.18) 0.375 (9.52) 1 10 9 8 0.060 (1.52) 7 0.500 0.620 (12.70) (15.75) 0.354 (9.00) max.* *After solder reflow on customer board
0.060 (1.52)
0.625 (15.88)
Whileeveryprecautionhasbeentakentoensure accuracyandcompletenessinthisliterature,Emerson NetworkPowerassumesnoresponsibility,anddisclaims all liability for damages resulting from use of this informationorforanyerrorsoromissions.
Solder Ball o0.040 (1.02) 10 Places
Lowest Component 0.010 min. (0.25) Bottom side Clearance
Emerson Network Power. Thegloballeaderinenabling business-criticalcontinuity. ACPower Connectivity DCPower Embedded Computing Embedded Power Monitoring Outside Plant PowerSwitching&Controls
2
3
4
5 TOP VIEW
6 SIDE VIEW Host Board
Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 ( 0.76) 3 Places 0.010 ( 0.25)
Figure 6 - Surface-Mount
Pin Connections
PinNo.
Pin1 Pin2 Pin3 Pin 4 Pin5
PinConnectionscont.
PinNo.
Pin6 Pin7 Pin 8 Pin9 Pin10
*Denotesnegativelogic: Open=Normaloperation Ground = Function active
Precision Cooling Racks&IntegratedCabinets Services Surge Protection EmersonNetworkPower.com
EmersonNetworkPowerandtheEmerson NetworkPowerlogoaretrademarksand servicemarksofEmersonElectricCo. (c)2008EmersonElectricCo.
Function
Ground Vin Inhibit* N/C Vosense
Function
VTT Ground VREF N/C N/C


▲Up To Search▲   

 
Price & Availability of PTH03010YADT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X